PART |
Description |
Maker |
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AT29C040A |
4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AT49LV160 AT49BV160 AT49LV161 AT49BV161 |
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory 16M bit. 3.0-Volt Read and 3.0-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit . 2.7-Volt Sectored (Top Boot)
|
ATMEL Corporation
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
AT49F008A AT49F008A-90TI AT49F8192AT-90TC AT49F819 |
x8/x16 Flash EEPROM x8 Flash EEPROM From old datasheet system 8M bit, 5-Volt Read and 5-Volt Byte-Write Flash
|
Atmel Corp
|
AM29DL640G90 AM29DL640G120 AM29DL640G70PCEN AM29DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PBGA63
|
Advanced Micro Devices, Inc.
|
AM29BDS643GT5KVAI AM29BDS643GT7KVAI AM29BDS643GT5G |
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 64兆位个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
DS1814C DS1819A DS1814A DS1814B DS1819B DS1819C |
3.3 Volt EconoMonitor(3.3 V Econo复位监控 5 Volt Volt EconoMonitor(5 V Econo复位监控 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|